|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
issue 3.2014 dogxl240-7 graphic 240x128 incl. controller uc1611s ea dog xl 240w-7 + ea led94x67-w technical data * controller uc1611s with integrated grafic-ram * high-contrast lcd supertwist display (stn and fstn) with 15m dot gap * optional led backlights in various colors * 240x128 dots (corresponds to 16 x40 chars or 8x20 large chars) * power supply: single supply 2,7..3,3v (typ. 900 a) * no additional voltages required * three different interfaces: 3-wire spi, 4-wire spi and i 2 c * operating temperature range -20..+70c (storage -30..+80c) * led backlighting 10 to 150ma * no mounting required: simply solder onto pcb ordering code graphics display, 240x128, 94x67mm ea dogxl240x-7 x: w = white background (fstn pos. transflective) b = blue background (stn neg. transmissive) s = black background (fstn neg. transmissive) n = superwhite background (fstn pos. reflective, cannot be backlit) led backlight, white ea led94x67-w led backlight, amber ea led94x67-a led backlight, duo color green/red ea led94x67-gr accessories usb test board for pc (windows 2000, xp, vista) ea 9780-3usb touch panel, 4-wire, analog, stick-on ea touch240-3 zif connector for touch panel, bottom contact ea wf100-04s 10 character sets e.g. 6x8,8x8,8x16,cyrillic, font editor ea usbstick-font socket 4.8mm height (2 pcs. are neccessary) ea fl-20p available in low quantities ! flat: 6.5mm with led b./l. mounted ea dog xl 240b-7 + ea led94x67-w ea dog xl 240w-7 + ea led94x67-a
printing and typographical errors reserved. electronic assembly reserves the right to change specifications without prior notice. page 2 dogxl240-7 graphic pinout the ea dogxl240-7, a 240x128 dots graphics display, is a new addition to electronic assembly?s ea dog series. it, too, has pins that allow it to be mounted quickly and easily. contrast adjustment the contrast can be set by means of a command for all the displays in the ea dog xl - series. i the contrast setting of the display must be set once by the software, and is then kept constant throughout the entire operating temperature range (-20..+70c), thanks to the integrated temperature compensation. led-backlight 3 different variants are available for individual backlighting: white, amber and a duo-color green/red version. with the amber backlight, there are 3 separate led paths containig 5 parallel leds, that can be switched in parallel or in series to suit the system?s voltage. with the white backlight, there are 3 separate led paths containig 3 leds in series. to operate the backlight, we recommend a current source (e.g. cat4238td). the duo-color backlight has common anode and two terminals for driving the red and / or the green color. the operating life of the amber and green/red backlights is 100,000 hours. the leds of the white backlight are high qualitiy nichia leds. to achieve the life-time of 100k hours, we recommend dimming or switching them off whenever possible. impor tant: do never connect the backlight leds directly to a 5 v/3.3 v supply as this will immediately destroy the leds. always use a current source. please note that derating applies at temperatures exceeding +25c. applikationsbeispiel ea led94x67-w led backlight (each path ) forward voltage current max. typ white ea led94x67-w 9.6 v 15 ma led backlight (each path ) forward voltage current limiting resistor (ohm) typ max @3,3 v @5 v amber ea led94x67-a 2.1 v 100 ma 12 29 led backlight (each color) forward voltage current limiting resistor (ohm) typ max @5 v full color ea led94x67-gr 2.1 v 120 ma 25 pin symbol level function pin symbol level function 1 nc (a1+: led backlight) 21 vb0+ - voltage converter 2 nc (a2+: led backlight) 22 vb1+ - voltage converter 3 nc (a3+: led backlight) 23 vb1- - voltage converter 4 24 vb0- - voltage converter 5 25 va0+ - voltage converter 6 26 va1+ - voltage converter 7 27 va1- - voltage converter 8 28 va0- - voltage converter 9 29 vlcd - po w e r l c dr iv e 10 30 vdd h pow er supply +2,7..3,3v 11 31 vss l pow er supply 0v (gnd) 12 32 vss 13 33 bm0 h / l config serial interface 14 34 cd h/l l= command, h= data 15 35 cs1 ( a 3) h chip select (high low ) 16 36 cs0 ( a 2) l chip select (active low ) 17 37 rst l reset (active low ) 18 nc (c1-: led backlight) 38 sck (d0) h/l serial clock 19 nc (c2-: led backlight) 39 sda (d3) h/l serial data 20 nc (c3-: led backlight) 40 d13 h/l config serial interface page 3 printing and typographical errors reserved. electronic assembly reserves the right to change specifications without prior notice. dogxl240-7 graphic 4 different technologies see below for an overview of availa ble technologies, combinations with available backlights and their usability: 3 different backlights three different backlight colors are available to match equipments design as much as possible. the most effective and brightest one is the white one ea led94x67-w. if you see black and white pictures on this page but you want to see the colors of the displays, you can download a full-colored version of this document at: http://www .lcd-module .de/deu/pdf/g r afik/dogxl240-7e .pdf ea led94x67-gr green / red ea led94x67-w white ea led94x67-a amber display type technology optional backlight readability display color non backlighted display color with backlighted recommended backlight color fstn pos. transflective it's fine with and without backlight readable even without backlight black on white black on backlight color all stn neg. blue transmissive backlight unit required --- --- backlight color on blue background white, amber fstn neg. transmissive backlight unit required --- --- backlight color on black background all fstn pos. reflective no backlight possible finest readable without backlight black on white --- --- character set and font editor (accessory) with the ordering code ea usbstick-font a memory stick comes with various character sets, especially made for this display. an import function allows additionally to use windows fonts. with the fonteditor it is easy to generate for example cyrillic, greek and arabic fonts. the preview function shows immediately the size and style in simulation window. when the testboard ea 9780-3usb is connected to the usb port, you can see the character (or any predefined text) live on the display ! printing and typographical errors reserved. electronic assembly reserves the right to change specifications without prior notice. page 4 dogxl240-7 graphic 3 wire, 9-bit spi-mode falling edge on pin cs0 (or rising edge on pin cs1) is used for chip select and bus cycle reset. first of all the cd-bit is transferred to select whether data (h) or command (l) is followed up within the next 8 bit (msb first) the clock-pulse rate of the clk line can be up to 8 mhz, depending on power supply and wiring. data transfer the ea dogxl240-7 supports three serial modes. the data transfer of the two spi-modes is unidirectional, that means data can only be written, not read back. compared to other displays, a busy query is not necessary. the clock-pulse rate of the clk line can be up to 8mhz, depending on the supply voltage and interface mode. more detailed information on timing can be found on page 64 to 66 of the data sheet of the uc1611s controller on our website at http://www .lcd-module .de/fileadmin/eng/pdf/zubehoer/uc1611s_v1_0.pdf 4 wire, 8-bit spi-mode falling edge on pin cs0 (or rising edge on pin cs1) is used for chip select and bus cycle reset. during each write cycle, 8 bits of data, msb first, are latched on eight rising clk edges into an 8-bit data holder. if cd=0 (reading at d0), the byte will be decoded as command. if cd=1, this 8-bit will be treated as data byte. the clock-pulse rate of the clk line can be up to 8 mhz, depending on power supply and wiring. serial modes bm0 d13 description 0 0 4-wire, 8-bit spi 1 0 3-wire, 9-bit spi 1 1 2-wire, i2c page 5 printing and typographical errors reserved. electronic assembly reserves the right to change specifications without prior notice. dogxl240-7 graphic 2 wire, i 2 c-mode pin a2 and a3 is used to configure the device address. that means up to 4 displays can use the same i2c bus. the i2c mode has a bidirectional data transfer, i.e. data can be read back from the display?s ram. the clock-pulse rate of the clk line can be up to 1.7 mhz, depending on power supply and wiring. please be informed, that the pins sda+sck contain an internal resistance of 600 to 1000 ohm, or even more (important, because of the lo-level while reading data and the ack-bit). important: after the commands to set page or column adress you always have to read a dummy byte. a2=vss / a3=vss (like application example) adr function $70 write command $71 read status $72 write data $73 read data a2=vdd / a3=vss adr function $74 write command $75 read status $76 write data $77 read data a2=vss / a3=vdd adr function $78 write command $79 read status $7a write data $7b read data a2=vdd / a3=vdd adr function $7c write command $7d read status $7e write data $7f read data usb-test board ea 9780-3usb for easy startup, an usb test board is available that can be connected to a pc. it comes with an usb cable and a windows software. this allows text and images (bmp) to be displayed directly on the plugged- in display. you will find more information on the test board in the ea 9780-3usb?s data sheet. simulation with windows a simulator window also displays the contents of the display. the software can simulate all the displays and colors even without the hardware. you can download the software for free from our website. http://www .lcd-module .com/produkte/dog.html printing and typographical errors reserved. electronic assembly reserves the right to change specifications without prior notice. page 6 dogxl240-7 graphic touch panel ea touch240-3 (optional) an analog touch panel is available as an accessory. it has a self- adhesive material on its rear side that makes it simply to stuck onto the display. the connection is made by means of a 4-pin flexible cable for a zif connector (e.g. ea wf100-04s) with a grid of 1.0 mm. bending radius is defined with min. 5mm. for optimum readability we recommend that you use a backlight with the display. interfacing to a c can be either done via external touch panel controller or directly with a c that is featured with analogue inputs. how to work with it ? the touch panel is similar to a potentiometer: connecting a voltage of e.g. 3.3v to the pins top-bottom makes it possible to read out a voltage on pin left or right which is linear to the y-coordinate of the pressed point. the x- coordinate will result when the voltage will be supplied to left-right and measurement is done at to p or bottom . the pinout of the connecting cable is shown in the drawing. specification specification min max unit top-bottom 200 320 ? left-right 650 1200 ? voltage 3 12 v current 5 25 ma linearity 1,5 % force 90 120 g contact bounce 5 10 ms op. temperatur -20 +60 c stor. temperatur -20 +70 c transmission 75 85 % life time 100000 cycles zif connector ea wf100-04s as an accessory for the touch panel we do provide a zif connector (4 pins) with pitch 1.0mm (smd type). this connector is a ?bottom side contact? type 12:00 view angle, top view if the display is read mostly from above (on the front of a laboratory power supply unit, for example), the preferred angle of viewing can be set to 12 o?clock. this rotaties the display by 180. a slightly different initialization setup is required for this. 12:00 o?clock (top view) 6:00 o?clock (bottom view) initialisation example (changes for top view ) command cd d7 d6 d5 d4 d3 d2 d1 d0 hex remark [21] set lcd mapping control 0 1 1 0 0 0 0 0 0 $c0 set top view 0 0 0 0 0 1 0 0 $04 page 7 printing and typographical errors reserved. electronic assembly reserves the right to change specifications without prior notice. dogxl240-7 graphic accessories: female socket ea fl-20p with the help of the single-row female connector stripe ea fl20-p the mounting of the display is detachable. in addition the overall height can be adjusted. 2 pieces are required for one display! table of commands (overview) command command code function default cd d7 d6 d5 d4 d3 d2 d1 d0 (1) writedatabyte 1 data bit d[7..0] write one byte to memory n/a (4) set column address lsb 0 0 0 0 0 ca[3..0] set the sram column address ca=0..239 0x00 set column address msb 0 0 0 1 ca[7..4] (10) set page address lsb 0 0 1 1 0 pa[3..0] set the sram page address pa=0..15 in black and white mode 0x00 set page address msb 0 0 1 1 1 0 pa[6..4] (15) set ram address control 0 1 0 0 0 1 ac[2..0] ac0: 0=stop increment at end ,1=warp around ac1: 0=column, 1=page increment ac2: set page increment: 0= +1, 1= -1 0x01 (31) set window start column 0 1 1 1 1 0 1 0 0 set start column of window function 0x00 wpc0[7..0] (32) set window start page 0 1 11 1 0 1 0 1 set start page of window function 0x00 0 0 wpp0[5..0] (33) set window end column 0 1 1 1 1 0 1 1 0 set end column of window function 0xff wpc1[7..0] (34) set window end page 0 1 1 1 1 0 1 1 1 set end page of window function 0x4f 0 0 wpp1[5..0] (35) set window program mode 0 1 1 1 1 1 0 0 c4 c4: 0=inside 1=outside 0x00 further information, please download the datasheet of the controller uc1611s from our homepage: http://www .lcd-module .de/fileadmin/eng/pdf/zubehoer/uc1611s_v1_0.pdf initialisation example (6:00 view angle) graphic ram the ea dog xl 240-7 has integrated a ram to store 4 complete display contents. one byte contains 8 dots. the complete datasheet for the controller uc1611s can be downloaded on our homepage: http://www .lcd-module .de/fileadmin/eng/pdf/zubehoer/uc1611s_v1_0.pdf initialisation example (bottom view) command cd d7 d6 d5 d4 d3 d2 d1 d0 he x remark [28] set com end 0 1 1 1 1 0 0 0 1 $f1 set last com electrode to 127 (number of com electrodes - 1) 0 1 1 1 1 1 1 1 $7f [29] set partitial display start 0 1 1 1 1 0 0 1 0 $f2 set display start line to 0 0 0 0 0 0 0 0 0 $00 [30] set partitial display end 0 1 11 1 0 0 1 1 $f3 set display end line to 127 0 1 1 1 1 1 1 1 $7f [11] set potentiometer 0 1 00 0 0 0 0 1 $81 set contrast 1 0 0 0 1 1 1 1 $8f [21] set lcd mapping control 0 1 1 0 0 0 0 0 0 $c0 set bottom view 0 0 0 0 0 0 1 0 $02 [17] set line rate 0 1 0 1 0 0 0 1 1 $a3 9.4 kilo-lines per second [5] temp. compensation 0 0 0 1 0 0 1 0 1 $25 set temp. compensation to -0.10%/c [20] set display enable 0 1 0 1 0 1 0 0 1 $a9 enable display in black and white mode [23] set display pattern 0 1 1 0 1 0 0 0 1 $d1 dogxl240-7 graphic technische ?nderung vorbehalten. wir bernehmen keine haftung fr druckfehler und applikationsbeispiele. electronic assembly gmbh zeppelinstra?e 19 d-82205 gilching germany fon: +49 (0)8105-7780 90 fax: +49 (0)8105-7780 99 e-mail: info@lcd-module.de web: www.lcd-module.com dimensions ea dog xl 240-7 dimensions ea led94x67 all dimensions are in mm mounting / assembling first, clip the display and backlight modules together by gently pushing the display pins through the corresponding holes on the backlight module. then insert the entire module into the socket, or into the soldering holes on the pcb. the backlight pins (6 pins at the bottom) must be soldered on the top side as well to ensure good contact between the modules. impor tant: - the display and the backlight do have in summary 3 protective films. there are some on the top and the bottom of the display and also one on the backlight. these must be removed. - lc displays are generally not suited for wave or reflow soldering. temperatures of over 80c can cause lasting damage. - make sure that either display nor backlight will never come into contact with any kind of liquid like fluxer, cleaner, water. attention handling precautions! |
Price & Availability of EAUSBSTICK-FONT |